PART |
Description |
Maker |
M58655P |
1024-BIT ELECTRICALLY ALTERABLE ROM
|
Mitsubishi Electric Sem... MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
25LC160-I_P 25LC160-I_SN 25LC160T-I_P 25LC160T-I_S |
16K SPI Bus Serial EEPROM The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ...
|
MICROCHIP[Microchip Technology]
|
IS93C56-3 IS93C56-3G IS93C56-3GI IS93C56-3GR IS93C |
2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM 128 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. Integrated Silicon Solution Inc
|
24LC02BTI_SNG 24LC02BI_SNG 24LC02BI_OTG 24LC02BI_P |
The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C ... The 24AA02 is a 1K bit Electrically Erasable PROM memory organized as a single block of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24AA02 features hardware write protect, Schmitt trigger inp 2K I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS93C46A IS93C46A-3GI IS93C46A-3GL IS93C46A-3GLI I |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
INTEGRATED SILICON SOLUTION INC Integrated Silicon Solution, Inc
|
IS25C256 IS25C256-2GI IS25C256-2GLI IS25C256-2PI I |
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM 32K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
MSM16831 |
1024-Bit Serial EPROM
|
OKI Semiconductor
|
IS25C64A-3ZLA1 IS25C32A IS25C32A_07 IS25C32A-2GI I |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS25C16 |
(IS25C08 / IS25C16) 8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS25C08B-2UDLI-TR IS25C08B-2CLI-TR IS25C08B-2ZLI-T |
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, 0.55 MM HEIGHT, GREEN, UDFN-8
|
Integrated Silicon Solution, Inc.
|